Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP7201 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP7201
Description  Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7201 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP7201 Datasheet HTML 6Page - Feeling Technology Corp. FP7201 Datasheet HTML 7Page - Feeling Technology Corp. FP7201 Datasheet HTML 8Page - Feeling Technology Corp. FP7201 Datasheet HTML 9Page - Feeling Technology Corp. FP7201 Datasheet HTML 10Page - Feeling Technology Corp. FP7201 Datasheet HTML 11Page - Feeling Technology Corp. FP7201 Datasheet HTML 12Page - Feeling Technology Corp. FP7201 Datasheet HTML 13Page - Feeling Technology Corp. FP7201 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FP7201
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
13/14
FP7201
LED1
LED2
LED3
1
43
2
6
5
FB
GND
LX
OVP
EN
VCC
VIN
VOUT
GND
CIN
COUT
R
L
D
Inductor Selection
Inductance value is decided based on different condition. 4.7 to 22µH inductor value is
recommended for 2 to 7 WLEDs applications. There are three important inductor specifications, DC
resistance, saturation current and core loss. Low DC resistance (DCR) has better power efficiency.
Also, it avoids inductor saturation causing circuit system unstably and lower core loss at 1.2MHz.
Capacitor Selection
The output capacitor is required to maintain the series LED voltage during . Low ESR capacitors
are preferred to reduce the output voltage ripple. Ceramic capacitor of X5R and X7R are
recommended, which have low equivalent series resistance (ESR) and wider temperature range.
Diode Selection
Schottky diodes have fast recovery times and low forward voltages are recommended. Ensure
that the diode average and peak current rating exceeds the average output current and peak inductor
current. In addition, the diode’s reverse breakdown voltage must exceed the open LED protection
voltage.
Layout Considerations
1. The power traces, consisting of the GND trace, the LX trace and the VCC trace should be kept
short, direct and wide.
2. LX、Inductance L and Diode D switching node, wide and short trace to reduce EMI.
3. Place CIN near VCC pin as closely as possible to maintain input voltage steady and filter out the
pulsing input current.
4. Feedback resistance R must be connected to FB pin directly and as closely as possible.
5. FB is a sensitive node. Please keep it away from switching node, LX.
6. The GND of the IC, CIN, COUT should be connected close together directly to a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com