Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5525GL Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD5525GL
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5525GL Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD5525GL Datasheet HTML 5Page - Leadtrend Technology LD5525GL Datasheet HTML 6Page - Leadtrend Technology LD5525GL Datasheet HTML 7Page - Leadtrend Technology LD5525GL Datasheet HTML 8Page - Leadtrend Technology LD5525GL Datasheet HTML 9Page - Leadtrend Technology LD5525GL Datasheet HTML 10Page - Leadtrend Technology LD5525GL Datasheet HTML 11Page - Leadtrend Technology LD5525GL Datasheet HTML 12Page - Leadtrend Technology LD5525GL Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LD5525
06/30/2015
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5525-DS-00 June 2015
Application Information
Operation Overview
The LD5525 is built in the multi-mode PWM controller, in
which operates a constant frequency to achieve the CCM
as heavy load. For demanding higher power efficiency
and power-saving in light load condition, the LD5525
implements QR function to allow the valley switching and
accomplish zero voltage switching (ZVS). Under different
load conditions, LD5525 provides the different solutions
for achieving higher efficiency and performance.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply
voltage enough to turn on the LD5525 PWM controllers
and further to drive the power MOSFET.
As shown in Fig.
7, a hysteresis is built in to prevent the shutdown from the
voltage dip during startup.
The turn-on and turn-off
threshold level are set at 16.0V and 7.5V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 7
Startup Current and Startup Circuit
The typical startup circuit to generate the LD5525 VCC is
shown in Fig. 8.
During the startup transient, the VCC is
lower than the UVLO threshold thus there is no gate pulse
produced
from
LD5525
to
drive
power
MOSFET.
Therefore, the current through R1 will provide the startup
current and to charge the capacitor C1.
Whenever the
VCC voltage is high enough to turn on the LD5525 and
further to deliver the gate drive signal, the supply current
is provided from the auxiliary winding of the transformer.
Lower startup current requirement on the PWM controller
will help to increase the value of R1 and then reduce the
power consumption on R1. By using CMOS process and
the special circuit design, the maximum startup current of
LD5525 is only 3
A. If a higher resistance value of R1 is
chosen, it usually takes more time to start up. To select
the value of R1 and C1 carefully will optimize the power
consumption and startup time.
EMI
Filter
R1
OUT
CS
VCC
GND
LD5525
AC
input
C1
Cbulk
D1
Fig. 8
Q-R Mode Detection
The transformer will be demagnetized after the main
power MOSFET turns off. A quasi resonant signal will be
detected from auxiliary winding by FB pin through the
external resister.
As soon as the current of the secondary side diode is
down to zero during MOSFET-off period, the transformer
’s
core is demagnetized completely. VDS of MOSFET will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com