Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5525GL Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5525GL
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5525GL Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5525GL Datasheet HTML 6Page - Leadtrend Technology LD5525GL Datasheet HTML 7Page - Leadtrend Technology LD5525GL Datasheet HTML 8Page - Leadtrend Technology LD5525GL Datasheet HTML 9Page - Leadtrend Technology LD5525GL Datasheet HTML 10Page - Leadtrend Technology LD5525GL Datasheet HTML 11Page - Leadtrend Technology LD5525GL Datasheet HTML 12Page - Leadtrend Technology LD5525GL Datasheet HTML 13Page - Leadtrend Technology LD5525GL Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LD5525
06/30/2015
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5525-DS-00 June 2015
resonate in discontinuous current mode. The resonance
frequency (FQR) will be obtained as below.
)
HZ
(
C
L
2
1
F
R
m
QR
M
L
Inductance of primary winding
R
C
Resonance equivalent parasitic capacitance
If VDS voltage falls to resonant valley level from max
plateau value, the QRD comparator will be tripped while
FB pin voltage is close to 100mV.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the
COMP pin of the LD5525.
Similar to UC3842, the
LD5525 would without voltage offset to feed the voltage
divider at the ratio of RA and RB, that is,
COMP
PWM
V
RB
RA
RB
V
COMPARATOR
)
(
A pull-high resistor is embedded internally and therefore
no external one is required.
Current Sensing, Leading Edge Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the control
loop and achieve regulation. The LD5525 detect the
primary MOSFET current from the CS pin, which is not
only for the peak current mode control but also for the
pulse-by-pulse current limit. The
maximum
voltage
threshold of the current sensing pin sets at 0.57V. From
above, the MOSFET peak current can be obtained from
below.
CS
MAX
PEAK
R
V
I
57
.
0
)
(
A 350nS leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike. In the low power application, if the total
pulse width of the turn-on spike is less than 350nS and
the negative spike on the CS pin doesn
’t exceed -0.3V, it
could remote the R-C filter (as shown in the figure 9).
However, the total pulse width of the turn-on spike is
decided by the output power, circuit design and PCB
layout.
It is strongly recommended to adopt a smaller
R-C filter (as shown in figure 10) for higher power
application to avoid the CS pin being damaged by the
negative turn-on spike.
Output Stage and Maximum ON Time
An output stage of a CMOS buffer, with typical 250mA
driving capability, is incorporated to drive a power
MOSFET directly.
And the maximum on time of LD5525
is limited to 15us to limit the minimum frequency of the
system.
Maximum Switching Frequency Clamp
According to the QR operation principle, the switching
frequency is inversely proportional to the output power.
Therefore, as the output power decreases, the switching
frequency can become rather high without limiting. The
maximum switching frequency of LD5525 is clamped at
65 kHz internally to provide the optimized operations by
considering the EMI performance, thermal treatment,
component sizes and transformer design.
CS
VCC
GND
LD5525
Can be removed if the negative
spike is not over spec. (-0.3V).
OUT
350ns
blanking
time
Fig. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com