Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD533BA Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PD533BA
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PD533BA Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PD533BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PD533BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PD533BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PD533BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV 1.2
3
F-11-2
P-Channel Enhancement Mode
Field Effect Transistor
PD533BA
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
CISS
COSS
CRSS
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
0
8
16
24
32
40
0
1
2
3
4
5
0
2
4
6
8
10
0
10
20
30
40
50
60
V
DS=-20V
I
D=-20A
0
8
16
24
32
40
0
1
2
3
4
5
VGS=-10V
VGS=-9V
VGS=-8V
VGS=-7V
VGS=-6V
VGS=-5V
VGS=-4.5V
VGS=-4V
VGS=-3.5V
VGS=-3V
0
0.03
0.06
0.09
0.12
0.15
2
4
6
8
10
ID=-20A
On-Resistance VS Gate-To-Source
Voltage
On-Resistance VS Drain Current
-ID , Drain-To-Source Current(A)
-VGS, Gate-To-Source Voltage(V)
Output Characteristics
Transfer Characteristics
-VGS, Gate-To-Source Voltage(V)
-VDS, Drain-To-Source Voltage(V)
Capacitance Characteristic
-VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
Characteristics
Qg , Total Gate Charge(nC)
25℃
125℃
-20℃
0
0.005
0.01
0.015
0.02
0
8
16
24
32
40
VGS=-10V
VGS=-4.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com