Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE616BA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE616BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE616BA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE616BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE616BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE616BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE616BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV 0.9
2
D-22-3
N-Channel Enhancement Mode
Field Effect Transistor
PE616BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
1
A
VDS = 20V, VGS = 0V, TJ = 55 °C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 12A
7
9.5
mΩ
VGS = 10V, ID = 12A
5.4
7
Forward Transconductance
1
gfs
VDS = 5V, ID = 12A
55
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 15V, f = 1MHz
835
pF
Output Capacitance
Coss
158
Reverse Transfer Capacitance
Crss
96
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
2.4
Ω
Total Gate Charge
2
Qg
VGS = 10V
VDS = 15V , ID = 12A
17.7
nC
VGS = 4.5V
9.5
Gate-Source Charge
2
Qgs
2.3
Gate-Drain Charge
2
Qgd
5.1
Turn-On Delay Time
2
td(on)
VDS = 15V ,
ID  12A, VGS = 10V, RGEN =6Ω
27
nS
Rise Time
2
tr
23
Turn-Off Delay Time
2
td(off)
51
Fall Time
2
tf
24
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
14
A
Forward Voltage
1
VSD
IF = 12A, VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 12A, dlF/dt = 100A / S
13.3
nS
Reverse Recovery Charge
Qrr
5.2
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com