Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS98O02B-PCE Datasheet(PDF) 47 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 47 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 43Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 50Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
FS98O02
Rev.1.5
47/50
to the content of the W
register.
Cycle
1
Example:
MOVLW
23H
Before instruction:
W = 88h
After instruction:
W = 23h
MOVWF
Move W to f
Syntax
MOVWF
f
0
≤ f ≤ FFh
Operation
[f]
← [W]
Flag Affected
None
Description
Move data from the W
register to [f].
Cycle
1
Example:
MOVWF
OPERAND
Before instruction:
W = 88h, OPERAND =
23h
After instruction:
W = 88h, OPERAND =
88h
NOP
No Operation
Syntax
NOP
Operation
No Operation
Flag Affected
None
Description
No operation. NOP is used
for one instruction cycle
delay.
Cycle
1
RETFIE
Return from Interrupt
Syntax
RETFIE
Operation
[Top Stack] => PC
Pop Stack
1 => GIE
Flag Affected
None
Description
The program counter is
loaded from the top stack,
then pop stack. Setting the
GIE bit enables interrupts.
Cycle
2
Example:
RETFIE
After instruction:
PC = [Top Stack]
GIE = 1
RETLW
Return and move literal to W
Syntax
RETLW
k
0
≤ k ≤ FFh
Operation
[W]
← k
[Top Stack] => PC
Pop Stack
Flag Affected
None
Description
Move the eight-bit literal "k"
to the content of the W
register. The program
counter is loaded from the
top stack, then pop stack.
Cycle
2
Example:
CALL TABLE
:
TABLE
ADDWF PC
RETLW
k0
RETLW
k1
:
RETLW
kn
Before instruction:
WREG = 0x07
After instruction:
WREG = value of k7
Return
Return from Subroutine
Syntax
RETURN
Operation
[Top Stack] => PC
Pop Stack
Flag Affected
None
Description
The program counter is
loaded from the top stack,
then pop stack.
Cycle
2
Example:
Return
After instruction:
PC = [Top Stack]
RLF
Rotate left [f] through
Carry
Syntax
RLF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination<n+1>]
← [f<n>]
[Destination<0>]
← C
C
← [f<7>]
Flag Affected
C, Z
Description
[f] is rotated one bit to
the left through the
Carry bit. If d is 0, the
result is stored in the
W register. If d is 1,
the result is stored
back in [f].
Cycle
1
Example:
RLF
OPERAND, 1
Before instruction:
C = 0
W = 88h,
OPERAND = E6h
After instruction:
C = 1
W
=
88h,
OPERAND = CCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com