Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS98O02B-PCE Datasheet(PDF) 48 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 48 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 43Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 50Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
FS98O02
Rev.1.5
48/50
RRF
Rotate
right
[f]
through Carry
Syntax
RRF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination<n-1>]
←
[f<n>]
[Destination<7>]
← C
C
← [f<7>]
Flag Affected
C
Description
[f] is rotated one bit to
the right through the
Carry bit. If d is 0, the
result is stored in the
W register. If d is 1,
the result is stored
back in [f].
Cycle
1
Example:
RRF
OPERAND, 0
Before instruction:
C = 0
OPERAND = 95h
After instruction:
C = 1
W = 4Ah,
OPERAND = 95h
SLEEP
Oscillator stop
Syntax
SLEEP
Operation
CPU oscillator is stopped
Flag Affected
PD
Description
CPU oscillator is stopped.
CPU can be waked up by
external interrupt sources.
Cycle
1
Example:
SLEEP
After instruction:
PD = 1
TO = 0
If WDT causes wake up,
TO = 1
Please make sure all interrupt flags are
cleared
before
running
SLEEP;
"NOP"
command must follow HALT and SLEEP
commands.
SUBLW
Subtract W from literal
Syntax
SUBLW
k
0
≤ k ≤ FFh
Operation
[W]
← k – [W]
Flag Affected
C, DC, Z
Description
Subtract the content of the W
register from the eight-bit
literal "k". The result is stored
in the W register.
Cycle
1
Example 1:
SUBLW
02H
Before instruction:
W = 01h
After instruction:
W = 01h
C = 1
Z = 0
Example 2:
SUBLW
02H
Before instruction:
W = 02h
After instruction:
W = 00h
C = 1
Z = 1
Example 3:
SUBLW
02H
Before instruction:
W = 03h
After instruction:
W = FFh
C = 0
Z = 0
SUBWF
Subtract W from f
Syntax
SUBWF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination]
← [f] – [W]
Flag Affected
C, DC, Z
Description
Subtract the content of the W
register from [f]. If d is 0, the
result is stored in the W
register. If d is 1, the result is
stored back in [f],
Cycle
1
Example 1:
SUBWF
OPERAND,
1
Before instruction:
OPERAND = 33h, W =
01h
After instruction:
OPERAND = 32h
C = 1
Z = 0
Example 2:
SUBWF
OPERAND,
1
Before instruction:
OPERAND = 01h, W =
01h
After instruction:
OPERAND = 00h
C = 1
Z = 1
Example 3:
SUBWF
OPERAND,
1
Before instruction:
OPERAND = 04h, W =
05h
After instruction:
OPERAND = FFh
C = 0
Z = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com