Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9701B Datasheet(PDF) 43 Page - Fortune Semiconductor Corp.

Part # FS9701B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9701B Datasheet(HTML) 43 Page - Fortune Semiconductor Corp.

Back Button FS9701B Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 41Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 42Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 43Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 44Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 45Page - Fortune Semiconductor Corp. FS9701B Datasheet HTML 46Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
FS970X
Rev. 4.4
43/46
Capacitor
Cx
ON CHIP
OFF CHIP
COMMON
XOHM
10M
 or 1M or 100K or 10K or 1K
PTC
FUSE
VOLT+OHM+
DT+CAP
OSR
OSR
AGND
XOHM<1>
909K
SMV
DCmV+OHM+CAP
+DT+HFE+PKH
DCV+OHM
+CAP+HFE+PKH
OSRC
OSREN
OSRC
CMP1
CMPEN1
CMPL
CAPTG
XOHM<2>
CMPH
28
18~22
Graph 24. Function network diagram of capacitor.
Address
00
01
02
03
04
05
06
07
08
Register
RDG
SIN
SRF
SCP
AFT
ADG
SETADC MISC1 MISC2
Value
1Bh
00h
00h
01h
00h
00h
00h
00h
00h
Chart 31. Capacitor register setup.
Address
Register
500nF
5uF
50uF
500uF
00
RGD<7:0>
1Bh
2Bh
4Bh
8Bh
04
AFT<7:0>
00h
00h
00h
04h
07
MISC1<7:0>
00h
00h
00h
20h
Chart 32. Capacitor range setup.
Measuring capacitor value of FS9704B is to charge and discharge the resistor reference added by
XOHM Pin to make an oscillation, and then calculate its oscillated cycle to get the capacitor value.
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
A4
Date:
4-Dec-2001
Sheet
of
File:
C:\Program Files\Design Explorer 99 SE\Exam ples\DDM9711.ddb
Drawn By :
3/4VDD
1/4VDD
VDD
Tdo
Capacitor Measurement
To calculate the cycle, we send the square wave that out from CAPTG to the frequency counter. When
operating the frequency measurement, the necessary timer reference signal is FTB. For the measuring
frequency, it can be gained through the following formula. In this formula, Ksg is the signal counter and
Ktb is the value of the time-base counter.
Fin = (Ksg / Ktb) * FTB
The revise of the calculated Fin is the cycle.
1 / Fin = { 1 / [ (Ksg / Ktb) * FTB ] }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com