| Electronic Components Datasheet Search |
|
FS7755-IS Datasheet(PDF) 5 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS7755-IS Datasheet(HTML) 5 Page - Fortune Semiconductor Corp. |
|
5 / 22 page ![]() FS7755 Rev. 1.1 5/22 9 RESET Reset Pin for the FS7755. A logic low on this pin will hold the ADCs and digital circuitry in a reset condition. Bringing this pin logic low will clear the FS7755 internal registers. 10 REFIN/OUT This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of 2.5V ± 8% and a typical temperature coefficient of 30ppm/℃. An external reference source may also be connected at this pin. In either case, this pin should be decoupled to AGND with a 10μF ceramic capacitor and 100nF ceramic capacitor. 11 AGND This provides the ground reference for the analog circuitry in the FS7755, i.e., ADCs and reference. This pin should be tied to the analog ground plane of the PCB. The analog ground plane is the ground reference for all analog circuitry, e.g., anti-aliasing filters and current and voltage transducers. For good noise suppression, the analog ground plane should only connect to the digital ground plane at one point. A star ground configuration will help to keep noisy digital currents away from the analog circuits. 12 SCF Select Calibration Frequency. This logic input is used to select the frequency on the calibration output CF. Table Ⅳ shows how the calibration frequencies are selected. 13, 14 S1, S0 These logic inputs are used to select one of four possible frequencies for the Power to Impulse Converter. This offers the designer greater flexibility when designing the energy meter. See Selecting a Frequency for an Energy Meter Application section. 15, 16 G1, G0 These logic inputs are used to select one of four possible gains for Channel 1, i.e., V1. The possible gains are 1, 8, 16 and 32. See Analog Input section. 17 CLKIN An external clock can be provided at this logic input. Alternatively, a parallel resonant crystal can be connected across CLKIN and CLKOUT to provide a clock source for the FS7755. The clock frequency for specified operation is 3.579545MHz. Crystal load capacitance of between 22pF and 33pF (ceramic) should be used with the gate ill t i it 18 CLKOUT A crystal can be connected across this pin and CLKIN as described above to provide a clock source for the FS7755. The CLKOUT Pin can drive one CMOS load when an external clock is supplied at CLKIN or by the gate oscillator circuit. 20 REVP This logic output will go logic high when negative power is detected, i.e., when the phase angle between the voltage and current signals is greater than 900. This output is not latched and will be reset when positive power is once again detected. The output will go high or low at the same time as a impulse is issued on CF. 21 DGND This provides the ground reference for the digital circuitry in the FS7755, i.e., DSP. This pin should be tied to the digital ground plane of the PCB. The digital ground plane is the ground reference for all digital circuitry, e.g., counters (mechanical and digital), MCUs, and indicator LEDs or LCDs. For good noise suppression, the analog ground plane hld l b t d t th di it l d l t i t l t 22 CF Calibration Frequency Logic Output. The CF logic output gives instantaneous real power information. This output is intended to be used for calibration purposes. Also see SCF Pin description. 23, 24 F2, F1 Low Frequency Logic Outputs. F1 and F2 supply average real power information. The logic outputs can be used to directly drive electromechanical counters and two-phase stepper motors. See Transfer Function section. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |