Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7755-IS Datasheet(PDF) 19 Page - Fortune Semiconductor Corp.

Part # FS7755-IS
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755-IS Datasheet(HTML) 19 Page - Fortune Semiconductor Corp.

Back Button FS7755-IS Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 19Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 20Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 21Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
FS7755
Rev. 1.1
19/22
1.
Frequency Output CF
The pulse output CF (Calibration Frequency) is intended for use during calibration. The output pulse rate on CF
can be up to 2048 times the pulse rate on F1 and F2. The lower the F1–4 frequency selected, the higher the CF
scaling (except for the high frequency mode SCF = 0, S1 = S0 = 1). Table Ⅳ shows how the two frequencies
are related, depending on the states of the logic inputs S0, S1, and SCF. Because of its relatively high pulse
rate, the frequency at this logic output is proportional to the instantaneous real power. As is the case with F1
and F2, the frequency is derived from the output of the
low-pass filter after multiplication. However, because the output frequency is high, this real power
information is accumulated over a much shorter time. Hence, less averaging is carried out in the digital to
frequency converter. With much less averaging of the real power signal, the CF output is much more
responsive to power fluctuations (see Fig2, Signal Processing Block Diagram).
SCF
S1
S0
F1-4
(Hz)
CF Max for AC Signals
(Hz)
1
0
0
1.7
128×F1, F2 = 43.52
0
0
0
1.7
64×F1, F2 = 21.76
1
0
1
3.4
64×F1, F2 = 43.52
0
0
1
3.4
32×F1, F2 = 21.76
1
1
0
6.8
32×F1, F2 = 43.52
0
1
0
6.8
16×F1, F2 = 21.76
1
1
1
13.6
16×F1, F2 = 43.52
0
1
1
13.6
2048×F1, F2 = 5570
Table Ⅳ
Maximum Output Frequency on CF
2.
Selecting a Frequency for an Energy Meter Application
As shown in Table II, the user can select one of four frequencies. This frequency selection determines the
maximum frequency on F1 and F2. These outputs are intended to be used to drive the energy register
(electromechanical or other). Since only four different output frequencies can be selected, the available
frequency selection has been optimized for a meter constant of 100imp/kWhr with a maximum current of
between 10A and 120A. Table V shows the output frequency for several maximum currents (IMax) with a
line voltage of 220V. In all cases the meter constant is 100imp/kWhr.
Table Ⅴ
F1 and F2 Frequency at 100imp/kWhr
IMax (A)
F1 and F2 (Hz)
12.5
0.076
25
0.153
40
0.244
60
0.367
80
0.489
120
0.733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com