Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8855-18GL Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS8855-18GL
Description  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855-18GL Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS8855-18GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 14Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FS8855
Rev. 2.7
13/14
Ver.
Date
Page
Description
Circuit.
1.3
2004/03/16
4
Absolute Maximum Ratings : Remove Operating ambient
temperature range.
1.3
2004/03/16
5
Electrical Characteristics : Add Symbol column.
1.3
2004/03/16
6
Typical Operating Characteristics : Change all labels
"TEMPERATURE" to "AMBIENT TEMPERATURE". Current
header "Ron vs. LOAD CURRENT"
1.3
2004/03/16
9/10
Detail Description : Correct wording.
1.3
2004/03/16
11
Change Package Information to Package Outline
1.3
2004/03/16
11/12
/13
Package Outline : Update SOT-223/SOT-89/TO-92 package
diagrams.
1.3
2004/03/16
All
Update page header and footer to standard format. Update
page layout and style to standard format.
1.4
2004/05/11
1
Ordering Information: Add Pb/P free package option
1.4
2004/05/11
2
Package Marking Information: Add Pb/P free package marking
information
1.4
2004/05/11
4
Absolute Maximum Rating: Change continuous power
dissipation values and add notes. Add maximum junction
temperature +155°C.
1.4
2004/05/11
5
Electrical
Characteristics:
Change
thermal
shutdown
temperature from 170°C to 155°C.
1.4
2004/05/11
5
Electrical Characteristics: Change thermal resistance of
SOT-223 from 80 to 155. Change thermal resistance of
SOT-89 from 150 to 180. Change thermal resistance of TO-92
from 220 to 180.
1.4
2004/05/11
10
Operating Region and Power Dissipation: Change the result of
power dissipation calculation example for SOT-89. The
calculated value is based on new thermal resistance and
recommended operating temperature range.
2.0
2005/08/26
All
Update header/footer with new format.
2.0
2005/08/26
1
General Description: Update output voltages from “1.3V~4.5V”
to “1.5V~5.0V”. Remove SOT-223 package.
2.0
2005/08/26
1
Features: Update output voltages from “1.3V~4.5V” to
“1.5V~5.0V”. Add “Quiescent current 30μA at 5V input.”
2.0
2005/08/26
1
Ordering Information: Delete D,F,W,G,H,J,X pin-out types.
Update output voltages from “1.3V~4.5V” to “1.5V~5.0V”.
2.0
2005/08/26
2
Pin Configurations: Delete D,F,W,G,H,J,X pin-out types.
2.0
2005/08/26
2
Pin description: Delete D,F,W,G,H,J,X pin-out types. Move pin
descriptions into table.
2.0
2005/08/26
3
Typical Application Circuit: Update pin-out and connection
diagram.
2.0
2005/08/26
4
Electrical Characteristics:
Remove output voltage spec.
Add the output voltage accuracy spec. for 3.5<VOUT 5.0
≦
range to +/-1% at 7V input, and +/- 1.5% at 9V input
Change the dropout voltage spec. at 1mA from “Typ 1.0mA
Max 1.2mA” to “Typ 1.1mA Max 1.3mA”.
Change the dropout voltage spec. at 100mA from “Typ 100mA
Max 120mA” to “Typ 120mA Max 145mA”.
Change the ground pin current spec. form “Typ 65μA Max
120μA” to “Typ 30uA Max 50μA”.
Change the test condition for previous two spec. to Vin=5.0V.
Change PSRR spec. form “75dB @ 10KHz” to “70dB @ 1KHz”
Change thermal shutdown hysteresis spec. from 20 to 10.
2.0
2005/08/26
8
Detail Description: Update output voltages from “1.3V~4.5V” to
“1.5V~5.0V”. Update quiescent current form “65μA” to “30μA”.
2.0
2005/08/26
10
Package Outline: Remove SOT-223 package information.
2.1
2006/09/27
All
Revise datasheet format
2.2
2009/08/05
3
Ordering Information:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com