Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8855-18GL Datasheet(PDF) 2 Page - Fortune Semiconductor Corp.

Part # FS8855-18GL
Description  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855-18GL Datasheet(HTML) 2 Page - Fortune Semiconductor Corp.

  FS8855-18GL Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FS8855
Rev. 2.7
2/14
Fortune Semiconductor Corporation
富晶電子股份有限公司
23F., No.29-5, Sec. 2, Zhongzheng E. Rd.,
Danshui Dist., New Taipei City 251, Taiwan
Tel.:886-2-28094742
Fax:886-2-28094874
www.ic-fortune.com
This manual contains new product information. Fortune Semiconductor Corporation reserves the rights to
modify the product specification without further notice. No liability is assumed by Fortune Semiconductor
Corporation as a result of the use of this product. No rights under any patent accompany the sale of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com