Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP4205 Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4205
Description  36V/1.2A high dimming ratio LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4205 Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4205 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4205 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4205 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4205 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4205 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4205 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4205 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TP4205
36V/1.2A 高调光比 LED 驱动器
V1.0
Shen Zhen TPOWER Semiconductor
2
管脚
SOT89-5L
管脚描述
管脚编号
管脚名称
描述
1
SW
内部功率管漏极
2
GND
芯片地
3
DIM
芯片使能端脚,模拟调光和
PWM 调光的输入端
4
CS
输出电流采样脚,采样电阻连接在
VIN 与 CS 之间
5
VIN
电源输入脚,必须紧靠引脚连接电容到地
-
Exposed PAD
散热片,与芯片地连接
极限参数(注
1)
参数
额定值
单位
VIN 到 GND 电压
-0.3~+40
V
SW 到 GND 电压
-0.3~+40
V
CS 到 VIN 电压
-1.0~+1.0
V
DIM 到 GND 电压
-0.3~+6
V
功率管输出电流
1.2
A
功率损耗(注
2)
1.5
W
工作结温范围
-40~150
℃
储存温度范围
-50~150
℃
ESD 水平(HBM)
2000
V
ESD 水平(MM)
200
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com