Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC505-YO2T Datasheet(PDF) 69 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 69 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 65Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 66Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 67Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 68Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 69Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 73Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
NUC505
July. 26, 2018
Page 69 of 130
Rev.1.08
6
FUNCTIONAL DESCRIPTION
ARM
® Cortex® -M4 Core
6.1
The Cortex
® -M4 processor, a configurable, multistage, 32-bit RISC processor, has three AMBA
AHB-Lite interfaces for best parallel performance and includes a NVIC component. The processor
has optional hardware debug functionality, which can execute Thumb code, and is compatible
with other Cortex
® -M profile processors. The profile supports two modes -Thread mode and
Handler mode. Handler mode is entered as a result of an exception. An exception return can only
be issued in Handler mode. Thread mode is entered on Reset, and can be entered as a result of
an exception return. The Cortex
® -M4F is a processor with the same capability as the Cortex® -M4
processor and includes floating point arithmetic functionality. The NUC505 is embedded with
Cortex
® -M4F processor. Throughout this document the name Cortex® -M4 refers to both Cortex® -
M4 and Cortex
® -M4F processors. The following figure shows the functional controller of the
processor.
Figure 6.1-1 Cortex
® -M4 Block Diagram
Cortex
® -M4 processor features:
 A low gate count processor core, with low latency interrupt processing that has:
─
A subset of the Thumb instruction set, defined in the ARMv7-M Architecture
Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com