Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC505-YO2T Datasheet(PDF) 70 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 70 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 66Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 67Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 68Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 69Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 74Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
NUC505
July. 26, 2018
Page 70 of 130
Rev.1.08
─
Banked Stack Pointer (SP).
─
Hardware integer divide instructions, SDIV and UDIV.
─
Handler and Thread modes.
─
Thumb and Debug states.
─
Support for interruptible-continued instructions LDM, STM, PUSH, and POP for
low interrupt latency.
─
Automatic processor state saving and restoration for low latency Interrupt Service
Routine (ISR) entry and exit.
─
Support for ARMv6 big-endian byte-invariant or little-endian accesses.
─
Support for ARMv6 unaligned accesses.
 Floating Point Unit (FPU) in the Cortex
® -M4F processor providing:
─
32-bit instructions for single-precision (C float) data-processing operations.
─
Combined Multiply and Accumulate instructions for increased precision (Fused
MAC).
─
Hardware support for conversion, addition, subtraction, multiplication with optional
accumulate, division, and square-root.
─
Hardware support for denormals and all IEEE rounding modes.
─
32 dedicated 32-bit single precision registers, also addressable as 16 double-word
registers.
─
Decoupled three-stage pipeline.
 Nested Vectored Interrupt Controller (NVIC) closely integrated with the processor core to
achieve low latency interrupt processing. Features include:
─
External interrupts. Configurable from 1 to 240; the NUC505 has been configured
with 32 interrupts.
─
Bits of priority, configurable from bit 3 to bit 7.
─
Dynamic reprioritization of interrupts.
─
Supports priority grouping which enables selection of preempting interrupt levels
and non-preempting interrupt levels.
─
Supports tril-chaining and late arrival of interrupts, which enables back-to- back
interrupt processing without the overhead of state saving and restoration between
interrupts.
─
Processor state automatically saved on interrupt entry, and restored on interrupt
exit with on instruction overhead.
─
Supports Wake-up Interrupt Controller (WIC) with Power-down mode.
 Memory Protection Unit (MPU). An optional MPU for memory protection, including:
─
Eight memory regions.
─
Sub Region Disable (SRD), enabling efficient use of memory regions.
─
The ability to enable a background region that implements the default memory
map attributes.
 Low-cost debug solution that features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com