Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD1700U03W Datasheet(PDF) 2 Page - Yantel Corporation

Part # PD1700U03W
Description  Power Divider/Combiner 2-Way 0째 50廓 0.6-2.9 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANTEL [Yantel Corporation]
Direct Link  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

PD1700U03W Datasheet(HTML) 2 Page - Yantel Corporation

  PD1700U03W Datasheet HTML 1Page - Yantel Corporation PD1700U03W Datasheet HTML 2Page - Yantel Corporation PD1700U03W Datasheet HTML 3Page - Yantel Corporation PD1700U03W Datasheet HTML 4Page - Yantel Corporation PD1700U03W Datasheet HTML 5Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
Rev A4
PD1700U03W
Data Sheet
Power Divider/Combiner
2-Way 0°
50
Ω
0.6-2.9 GHz
Frequency (GHz)
Insertion Loss VS.Frequency
-10
-8
-6
-4
-2
0
600
1100
1600
2100
2600
-40℃
25℃
85℃
-40℃
25℃
85℃
Port1
Port2
Typical Performance (-40°C, 25°C, 85°C, 125°C: 600-2900 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Frequency Range
F
600
2900
MHz
Insertion Loss
(Above 3dB)
IL
0.85
dB
Isolation
Isol
15
dB
Phase balance
øbal
1.0
deg
Amplitude balance
Input VSWR
Abal
±0.05
dB
1.25
Output VSWR
1.4
Electrical Specifications at 25º C
0.85
10
3.5
±0.15
1.8
1.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com