Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD1700U03W Datasheet(PDF) 3 Page - Yantel Corporation

Part # PD1700U03W
Description  Power Divider/Combiner 2-Way 0째 50廓 0.6-2.9 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANTEL [Yantel Corporation]
Direct Link  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

PD1700U03W Datasheet(HTML) 3 Page - Yantel Corporation

  PD1700U03W Datasheet HTML 1Page - Yantel Corporation PD1700U03W Datasheet HTML 2Page - Yantel Corporation PD1700U03W Datasheet HTML 3Page - Yantel Corporation PD1700U03W Datasheet HTML 4Page - Yantel Corporation PD1700U03W Datasheet HTML 5Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R
PD1700U03W
Data Sheet
Power Divider/Combiner
2-Way 0°
50
Ω
0.6-2.9 GHz
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
Rev A4
Frequency (GHz)
Phase Balance VS.Frequency
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
600
1100
1600
2100
2600
-40℃
25℃
85℃
Frequency (GHz)
Amplitude Balance VS.Frequency
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
600
1100
1600
2100
2600
-40℃
25℃
85℃
Frequency (GHz)
Isolation VS.Frequency
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
600
1100
1600
2100
2600
-40℃
25℃
85℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com