Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5003ESA Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA5003ESA
Description  2A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5003ESA Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA5003ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
MA5003
Major Power Technology Co., Ltd.
Rev.1.3
Dec.01, 2016
APPLICATION CIRCUIT
1.8V≦VOUT≦4.4V
OFF ON
2A
GND
FB
SW
EN
10
μF
VIN
VOUT
VCC
L1
R1
R2
10
μF
x2
Vout=0.6x(1+R1/R2)
22P
2.2~4.7
μH
option
option
C1
C2
CFB
VOUT=VFB × (1+R1/R2), VFB = 0.6V, R2 suggest 60k~300k
Ω
1.0V≦VOUT≦1.6V
OFF ON
2A
GND
FB
SW
EN
10
μF
VIN
VOUT
VCC
L1
R1
R2
22
μF
Vout=0.6x(1+R1/R2)
2.2
μH
option
C1
C3
22
μF
C2
Layout Guide
EN
GND
SW
FB
VCC
C1
L1
VOUT
R1
R2
SW should be connected to Inductor
by wide and short trace, keep
sensitive components away from this
trace
C2
MA5003
12
3
4
5
C1's ground must be as closer
to IC's GND pin as possible
REN
C2's ground must be as
closer to IC's GND pin as
possible
CFB
VCC
GND
GND
FUNCTION DESCRIPTION
Normal Operation
The MA5003 uses a user adjustable frequency, current mode, synchronous step-down
architecture with internal paver switch. During normal operation, the internal power switch is
turned on each cycle when the oscillator sets the SR latch, and turned off when the
comparator resets the SR latch. The peak inductor current at which comparator resets the
SR latch is controlled by the output of error amplifier EA. While the high-side switch is off,
the external schottky diode turns on until either the inductor current starts to reverse or the
beginning of the next switching cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com