Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5003ESA Datasheet(PDF) 9 Page - Major-Power Technology Co., LTD.

Part # MA5003ESA
Description  2A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5003ESA Datasheet(HTML) 9 Page - Major-Power Technology Co., LTD.

Back Button MA5003ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 10Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 11Page - Major-Power Technology Co., LTD. MA5003ESA Datasheet HTML 12Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
MA5003
Major Power Technology Co., Ltd.
Rev.1.3
Dec.01, 2016
5V→1V @50mA→500mA
3.3V→1.8V @50mA→500mA
3.3V→1V @50mA→500mA
Ch2=VOUT, Ch4=IOUT
5V→1V @500mA→1.5A
3.3V→1.8V @500mA→1.5A
3.3V→1V @500mA→1.5A
Ch2=VOUT, Ch4=IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com