Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7575 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 17Page - OKI electronic componets MSM7575 Datasheet HTML 18Page - OKI electronic componets MSM7575 Datasheet HTML 19Page - OKI electronic componets MSM7575 Datasheet HTML 20Page - OKI electronic componets MSM7575 Datasheet HTML 21Page - OKI electronic componets MSM7575 Datasheet HTML 22Page - OKI electronic componets MSM7575 Datasheet HTML 23Page - OKI electronic componets MSM7575 Datasheet HTML 24Page - OKI electronic componets MSM7575 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/25
¡ Semiconductor
MSM7575
(4) CR3 (Side tone and other tone generator gain setting)
The tone generator gain setting table for receive side, shown by Table-4, depends upon the
following reference level.
DTMF low-group tones ................................ –2 dBm0
DTMF high-group tones and others ............ 0 dBm0
For example, when selecting –6 dB (B3, B2, B1, B0) = (1, 1, 1, 1) as a tone generator gain, each DTMF
tone signal amplitude on SAO or VFRO is as follows.
DTMF low-group tone .................................. –8 dBm0
DTMF high-group tone or other tones ....... –6 dBm0
B7, B6, B5 ... Side tone path gain setting, refer to Table-3.
B4 ... Tone generator enable :
0/Disable, 1/Enable
B3, B2, B1, B0 ... Tone generator gain adjustment for receive side, refer to Table-4
Table-3 Side Tone Gain Setting Table
B7
B6
B5
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
Side Tone Path Gain
OFF
–21 dB
–19 dB
–17 dB
–15 dB
–13 dB
–11 dB
–9 dB
Table-4 Receive Tone Generator Gain Setting Table
Side. Tone
Initial Value
CR3
Side. Tone Side. Tone
TONE
TONE
TONE
TONE
TONE
GAIN0
0
0000000
B7
B6
B5
B4
B3
B2
B1
B0
GAIN2
GAIN1
GAIN0
ON/OFF
GAIN3
GAIN2
GAIN1
B3
B2
B1
B0
00
0
0
00
0
1
00
1
0
00
1
1
01
0
0
01
0
1
01
1
0
01
1
1
Tone Generator Gain
–36 dB
–34 dB
–32 dB
–30 dB
–28 dB
–26 dB
–24 dB
–22 dB
B3
B2
B1
B0
10
0
0
10
0
1
10
1
0
10
1
1
11
0
0
11
0
1
11
1
0
11
1
1
Tone Generator Gain
–20 dB
–18 dB
–16 dB
–14 dB
–12 dB
–10 dB
–8 dB
–6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com