Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7575 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 9Page - OKI electronic componets MSM7575 Datasheet HTML 10Page - OKI electronic componets MSM7575 Datasheet HTML 11Page - OKI electronic componets MSM7575 Datasheet HTML 12Page - OKI electronic componets MSM7575 Datasheet HTML 13Page - OKI electronic componets MSM7575 Datasheet HTML 14Page - OKI electronic componets MSM7575 Datasheet HTML 15Page - OKI electronic componets MSM7575 Datasheet HTML 16Page - OKI electronic componets MSM7575 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/25
¡ Semiconductor
MSM7575
AC Chracteristics
Parameter
Transmit Frequency
Response
Symbol
LOSS T1
Level
0 to 60
Min.
25
Typ.
—
Max.
—
Unit
dB
Freq.
Others
LOSS T2 300 to 3000
–0.15
—
0.20
dB
LOSS T3
1020
Reference
dB
0
LOSS T4
3300
–0.15
—
0.80
dB
LOSS T5
3400
0
—
0.80
dB
LOSS T6
3968.75
13
—
—
dB
Receive Frequency
Responce
0 to 3000
–0.15
—
0.20
dB
1020
Reference
dB
3300
–0.15
—
0.80
dB
0
3400
0
—
0.80
dB
3968.75
13
—
—
dB
Transmit Signal
to Distortion Ratio
SD T1
35
—
3
SD T2
35
—
0
SD T3
35
—
–30
SD T4
1020
28
—
–40
SD T5
23
—
–45
Receive Signal
to Distortion Ratio
SD R1
—
3
SD R2
—
0
SD R3
—
–30
SD R4
1020
—
–40
SD R5
—
–45
Transmit Gain
Tracking
GT T1
–0.2
0.2
GT T2
Reference
GT T3
1020
–0.2
0.2
–40
GT T4
–0.5
0.5
GT T5
–1.2
1.2
3
–10
–50
–55
Receive Gain
Tracking
GT R1
–0.2
0.2
GT R2
Reference
GT R3
1020
–0.2
0.2
GT R4
–0.5
0.5
GT R5
–1.2
1.2
–40
3
–10
–50
–55
Condition
LOSS R1
LOSS R2
LOSS R3
LOSS R4
LOSS R5
35
35
35
28
23
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
(*2)
(*2)
—
—
—
—
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
NIDLT
——
—
–68
(–75.7)
dBmOp
(dBmp)
NIDLR
——
1020
AVT
0.285
0.320
(*4)
0.359
0
AVR
0.285
0.320
(*4)
0.359
—
–72
(–79.7)
Idle Channel Noise
AIN = SG
(*2)
(*3)
Vrms
Vrms
GSX2
Absolute Signal
Amplitude
VFRO
(*2)
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
—
(dBm0)
(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com