Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7577 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7577
Description  Voice Signal Level Control LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7577 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7577 Datasheet HTML 1Page - OKI electronic componets MSM7577 Datasheet HTML 2Page - OKI electronic componets MSM7577 Datasheet HTML 3Page - OKI electronic componets MSM7577 Datasheet HTML 4Page - OKI electronic componets MSM7577 Datasheet HTML 5Page - OKI electronic componets MSM7577 Datasheet HTML 6Page - OKI electronic componets MSM7577 Datasheet HTML 7Page - OKI electronic componets MSM7577 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSM7577
¡ Semiconductor
1/8
GENERAL DESCRIPTION
The MSM7577 is an LSI for Audio Signal Level adjustment for telephone set, etc.
Conventionally, its circuit has been made within individual unit, such as amplifiers, resistors and
switches. However, using this LSI allows for simple mounting and economically small space.
FEATURES
Receiving system
•
•
•
•
• Built-in electrical volume
Digital control (3 bit / 8 step)
•
•
•
•
• For transmission voice, with side tone route available.
•
•
•
•
• Mute function available.
Transmitting system
•
•
•
•
• Built-in operational amplifier for transmission signal level adjustment.
•
•
•
•
• Mute function available.
•
•
•
•
• Single +2.7 V to +5.25 V power supply
•
•
•
•
• Power down function
•
•
•
•
• Package:
16-pin plastic SOP
(SOP16-P-300-1.27-K) (Product name : MSM7577MS-K)
APPLICATION
Cellular handset, cordless telephone, etc.
¡ Semiconductor
MSM7577
Voice Signal Level Control LSI
E2A0045-16-X1
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM7577

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
5V Sinlge-Rail ADPCM CODECs
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-02 OKI-MSM7570L-02 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-XX OKI-MSM7570L-XX Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
More results

Similar Description - MSM7577

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
OKI electronic componet...
MSM6322 OKI-MSM6322 Datasheet
543Kb / 14P
PITCH CONTROL LSI FOR THE SPEECH SIGNAL
logo
Toshiba Semiconductor
TC8830F TOSHIBA-TC8830F Datasheet
3Mb / 65P
C2MOS VOICE RECORDING/REPRODUCING LSI
logo
OKI electronic componet...
MSM7547 OKI-MSM7547 Datasheet
71Kb / 7P
Voice Signal Level Control LSI
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
Infrared Remote-Control Signal Transmission LSI
logo
Epson Company
S1V3G340 EPSON-S1V3G340 Datasheet
202Kb / 2P
Voice Guidance LSI
S1V3S344 EPSON-S1V3S344 Datasheet
202Kb / 2P
Voice Guidance LSI
S1V30345 EPSON-S1V30345 Datasheet
101Kb / 2P
Voice Guidance LSI
logo
Tontek Design Technolog...
TT6297 TONTEK-TT6297 Datasheet
456Kb / 19P
4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com