Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS115AFG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # MURS115AFG
Description  Chip Silicon Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

MURS115AFG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  MURS115AFG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. MURS115AFG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. MURS115AFG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMAF
1. Cathode
2. Anode
2
1
2
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge current capability.
Glass passivated chip junction.
• Superfast recovery time for switching mode application.
Lead-free parts meet RoHS requirments.
•
•
•
•
•
•
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
Ambient temperature = 50 C
O
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
C
J
T
STG
A
A
μA
OC/W
OC
pF
1.0
30
5.0
+150
-55
110
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
Junction to ambient
15
100
MURS105AFG
MURS110AFG
MURS115AFG
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
*5 Reverse recovery time
F
, note 1
V
F
(V)
*4
MURS120AFG
MURS130AFG
200
300
140
210
1.70
-55 to +150
MURS140AFG
MURS150AFG
400
500
280
350
T
RR
(nS)
*5
35
50
100
150
200
300
400
500
1.00
1.25
MURS160AFG
600
600
420
(C)
O
Operating
temperature
T,
J
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
MURS105AFG THRU MURS160AFG
Chip Silicon Rectifier
1.0A Surface Mount Super
Fast Rectifiers - 50-600V
Features
Maximum ratings (AT T =25
A
oC unless otherwise noted)
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/3


Similar Part No. - MURS115AFG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
MURS115AG FOSTER-MURS115AG Datasheet
3Mb / 2P
Chip Silicon Rectifier
More results

Similar Description - MURS115AFG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
FM4001-M WINNERJOIN-FM4001-M Datasheet
168Kb / 2P
Chip Silicon Rectifier
logo
Shenzhen Foster Semicon...
FFM101AFG FOSTER-FFM101AFG Datasheet
4Mb / 3P
Chip Silicon Rectifier
FFM201AG FOSTER-FFM201AG Datasheet
3Mb / 3P
Chip Silicon Rectifier
FFM201BG FOSTER-FFM201BG Datasheet
4Mb / 3P
Chip Silicon Rectifier
FFM301CG FOSTER-FFM301CG Datasheet
2Mb / 3P
Chip Silicon Rectifier
MURS105AG FOSTER-MURS105AG Datasheet
3Mb / 2P
Chip Silicon Rectifier
MURS105MG FOSTER-MURS105MG Datasheet
2Mb / 3P
Chip Silicon Rectifier
MURS205AG FOSTER-MURS205AG Datasheet
2Mb / 2P
Chip Silicon Rectifier
MURS205BG FOSTER-MURS205BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
MURS305BG FOSTER-MURS305BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com