Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS115AFG Datasheet(PDF) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # MURS115AFG
Description  Chip Silicon Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

MURS115AFG Datasheet(HTML) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

  MURS115AFG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. MURS115AFG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. MURS115AFG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MURS105AFG THRU MURS160AFG
www.First-semi.com
Page 2/3
ypical Characteristics
50 ohm
Noninductive
25Vdc
approx
+
-
D.U.T
10 ohm
Noninductive
NonInductive
1 ohm
OSCILLOSCOPE
Note 1
PULSE
GENERATOR
Note 2
Note:1. Rise Time = 7ns, max.
Input Impedance = 1megohm,22pF.
2. Ries Time =10ns, max.
Source Impedance = 50 ohms.
Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram
Fig.3 Typical Reverse Characteristics
20
100
60
0
0.1
1.0
10
% of PIV.VOLTS
100
40
80
300
TJ=25°C
TJ=75°C
TJ=125°C
-0.25
-1.0
0
+0.5
trr
10ns/div
Set time Base for 10ns/div
1.2
1.0
0.8
0.6
0.4
0.2
Single phase half wave resistive or inductive
0.0
25
50
75
100
125
150
175
Case Temperature (
°C)
Fig.2 Maximum Average Forward Current Rating
Fig.5 Typical Junction Capacitance
1
10
Reverse Voltage (V)
100
0.1
05
10
15
20
25
30
05
10
15
20
25
30
00
10
100
Fig.6 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
35
Fig.4 Typical Forward Characteristics
2.5
0
0.01
0.1
1.0
10
0.001
0.5
1.0
1.5
2.0
Instaneous Forward Voltage (V)
TJ=25°C
TJ=25
°C
f = 1.0MHz
Vsig = 50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com