Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N32905U7DN Datasheet(PDF) 30 Page - Nuvoton Technology Corporation

Part # N32905U7DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U7DN Datasheet(HTML) 30 Page - Nuvoton Technology Corporation

Back Button N32905U7DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 34Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
30
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IOZ
Tri-State
Output
Leakage
Current
-10
-
10
uA
RPU
Pull-Up Resistor
39
65
116
kΩ
RPD
Pull-Down Resistor
40
56
108
kΩ
VOL
Output Low Voltage
-
-
0.4
V
VOH
Output High Voltage
2.4
-
-
V
IOL
Low Level Output
Current
4mA I/O
VOL = 0.4V
-
4.0
-
mA
IOH
High Level Output
Current
4mA I/O
VOH = 2.4V
-
5.9
-
mA
5.3
Audio DAC Characteristics
Test conditions: RL = 10K / 50pF, BW = 20Hz ~ 20KHz, Freq.= 1KHz, Sample Rate = 48KHz.
Parameter
Min
Typ
Max
Unit
Operating Voltage
3.0
3.3
3.6
V
Reference Voltage
-
DAC_VDD/2
-
V
Reference Capacitor
-
0.1
-
uF
Full Scale output voltage
-
1.32
-
Vrms
Maximum Output Power
-
-
52
mW
Maximum Output Power @ 32ohm load
-
-
46
mW
Maximum Output Power @ 16ohm load
-
-
41
mW
L-Channel SNR
-
86
-
dBV
R-Channel SNR
-
85
-
dBV
L-Channel THD+N
-
-64
-
dB
R-Channel THD+N
-
-64
-
dB
L-Channel THD+N @ 32ohm load
-
-63
-
dB
R-Channel THD+N @ 32ohm load
-
-63
-
dB
L-Channel THD+N @ 16ohm load
-
-62
-
dB
R-Channel THD+N @ 16ohm load
-
-62
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com