Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N32905U7DN Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # N32905U7DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U7DN Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button N32905U7DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
11
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Maximum 25MHz input clock supported
Maximum 400K/s conversion rate supported
LVR (Low Voltage Reset) supported
Power Management
Advanced power management including Power Down, Deep Standby, CPU Standby, and
Normal Operating modes
Normal Operating Mode
Core power is 1.8V and chip is in normal operation
CPU Standby Mode
Core power is 1.8V and only ARM CPU clock is turned OFF
Deep Standby Mode
Core power is 1.8V and all IP clocks are turned OFF
Power Down Mode
Only the RTC power is ON. Other 3.3V and 1.8V power are OFF
Software Support
Development Tools
Bootloader / Diagnostic Program / NAND Writer Program: ADS 1.2 or RVDS 2.x or 3.x
Linux Kernel (2.6.17.14) / System Manager: GCC 4.2
TurboWriter / Sync Tool: Microsoft VC 6.0
NAND Flash File System
FAT12, FAT16 and FAT32 with long filename are supported
Hidden disk is supported
RAM disk is supported
S/W audio Library
Decoders with ADPCM / MP3 / ACC / OGG / WMA format support
32-polyphony Wavetable MIDI synthesizer
Programmable sampling rate and target bit rate
USB Driver
MS (Mass Storage) Class
HID (Human Interface Device) Class
Operating Voltage
I/O: 3.3V
Core: 1.8V for 200MHz
Package
LQFP-128 (MCP, stacked with DDR @ 1.8V and SDR @ 1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com