Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6433BDQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6433BDQ
Description  P-Channel 2.5-V (G-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6433BDQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6433BDQ Datasheet HTML 1Page - Vishay Siliconix SI6433BDQ Datasheet HTML 2Page - Vishay Siliconix SI6433BDQ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPICE Device Model Si6433BDQ
Vishay Siliconix
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
Document Number: 72565
www.vishay.com
21-May-04
1
P-Channel 2.5-V (G-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The
attached
spice
model
describes
the
typical
electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model
is
extracted
and
optimized
over
the
−55 to 125°C
temperature ranges under the pulsed 0 to 5V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
Documents
PDF
Complete
Click Here & Upgrade
Expanded Features
Unlimited Pages


Similar Part No. - SI6433BDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6433BDQ VISHAY-SI6433BDQ Datasheet
100Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ Datasheet
209Kb / 11P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
More results

Similar Description - SI6433BDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
07-Jul-03
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
P-Channel 2.5-V (G-S) MOSFET
29-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2301BDS KEXIN-KI2301BDS Datasheet
50Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
29-Sep-97
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
P-Channel 2.5-V (G-S) MOSFET
20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
P-Channel 2.5 V (G-S) MOSFET
17-Oct-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com