Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6433BDQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6433BDQ
Description  P-Channel 2.5-V (G-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6433BDQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6433BDQ Datasheet HTML 1Page - Vishay Siliconix SI6433BDQ Datasheet HTML 2Page - Vishay Siliconix SI6433BDQ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si6433BDQ
Vishay Siliconix
www.vishay.com
Document Number: 72565
2
21-May-04
SPECIFICATIONS (TJ = 25
°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID =
−250 µA
1.2
V
On-State Drain Current
b
ID(on)
VDS =
−5 V, V
GS =
−4.5 V
75
A
VGS =
−4.5 V, I
D =
−4.8 A
0.031
0.032
Drain-Source On-State Resistance
b
rDS(on)
VGS =
−2.5 V, I
D =
−3.6 A
0.050
0.053
Ω
Forward Transconductance
b
gfs
VDS =
−5 V, I
D =
−4.8 A
13
14
S
Diode Forward Voltage
b
VSD
IS =
−1.35 A, V
GS = 0 V
−0.79
−0.77
V
Dynamic
a
Total Gate Charge
Qg
8.7
10
Gate-Source Charge
Qgs
1.8
1.8
Gate-Drain Charge
Qgd
VDS =
−6 V, V
GS =
−4.5 V, I
D =
−4.8 A
3
3
nC
Turn-On Delay Time
td(on)
43
45
Rise Time
tr
26
60
Turn-Off Delay Time
td(off)
67
70
Fall Time
tf
VDD =
−6 V, R
L = 6
Ω
ID
≅ −1 A, V
GEN =
−4.5 V, R
G = 6
Ω
18
35
ns
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
Documents
PDF
Complete
Click Here & Upgrade
Expanded Features
Unlimited Pages



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com