Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP41110DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP41110DB
Description  Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41110DB Datasheet(HTML) 6 Page - Vishay Siliconix

  SIP41110DB Datasheet HTML 1Page - Vishay Siliconix SIP41110DB Datasheet HTML 2Page - Vishay Siliconix SIP41110DB Datasheet HTML 3Page - Vishay Siliconix SIP41110DB Datasheet HTML 4Page - Vishay Siliconix SIP41110DB Datasheet HTML 5Page - Vishay Siliconix SIP41110DB Datasheet HTML 6Page - Vishay Siliconix SIP41110DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SiP41109/41110
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 73023
S-51104—Rev. A, 13-Jun-05
where QGATE is the gate charge needed to turn on the
high-side MOSFET and DVBOOT − PHASE is the amount of
droop allowed in the bootstrapped supply voltage when the
high-side MOSFET is driven high. The bootstrap capacitor
value is typically 0.1 mF to 1 mF. The bootstrap capacitor
voltage rating must be greater than VCC + 12 V to withstand
transient spikes and ringing.
Shoot-Through Protection
The external MOSFETs are prevented from conducting at the
same time during transitions. Break-before-make circuits
monitor the voltages on the PHASE pin and the LGATE pin and
control the switching as follows: When the signal on PWM goes
low, UGATE will go low after an internal propagation delay.
After the voltage on PHASE falls below 2.5 V by the inductor
action, the low-side driver is enabled and LGATE goes high
after some delay. When the signal on PWM goes high, LGATE
will go low after an internal propagation delay. After the voltage
on LGATE drops below 2.5 V the high-side driver is enabled
and UGATE will go high after an internal propagation delay. If
PHASE does not drop below 2.5 V within 380 ns after UGATE
goes low, LGATE is forced high until the next PWM transition.
VCC Bypass Capacitor
MOSFET drivers draw large peak currents from the supplies
when they switch. A local bypass capacitor is required to
supply this current and reduce power supply noise. Connect
a 1-mF ceramic capacitor as close as practical between the
VCC and GND pins.
Undervoltage Lockout
Undervoltage lockout prevents control of the circuit until the
supply voltages reach valid operating levels. The UVLO circuit
forces LGATE and UGATE to low when VCC is below its
specified voltage. A separate UVLO forces UGATE low when
the voltage between BOOT and PHASE is below the specified
voltage.
Thermal Protection
If the die temperature rises above 165_C, the thermal
protection disables the drivers. The drivers are re-enabled
after the die temperature has decreased below 140_C.
TYPICAL CHARACTERISTICS
5
15
25
35
45
55
65
75
85
95
105
0
1234
5
ICC vs. CLOAD vs. Frequency (SiP41109)
CLOAD (nF)
1 MHz
500 kHz
200 kHz
0
10
20
30
40
50
60
70
80
90
100
0
1234
5
ICC vs. CLOAD vs. Frequency (SiP41110)
CLOAD (nF)
1 MHz
500 kHz
200 kHz
VCC = 12 V
VCC = 12 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com