Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP41110DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP41110DB
Description  Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41110DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP41110DB Datasheet HTML 1Page - Vishay Siliconix SIP41110DB Datasheet HTML 2Page - Vishay Siliconix SIP41110DB Datasheet HTML 3Page - Vishay Siliconix SIP41110DB Datasheet HTML 4Page - Vishay Siliconix SIP41110DB Datasheet HTML 5Page - Vishay Siliconix SIP41110DB Datasheet HTML 6Page - Vishay Siliconix SIP41110DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SiP41109/41110
Vishay Siliconix
New Product
Document Number: 73023
S-51104—Rev. A, 13-Jun-05
www.vishay.com
1
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
FEATURES
APPLICATIONS
D PWM With Tri-State Enable
D 12-V Low-Side Gate Drive (SiP41109)
D 8-V Low-Side Gate Drive (SiP41110)
D Undervoltage Lockout
D Internal Bootstrap Diode
D Switching Frequency Up to 1 MHz
D 30-ns Max Propagation Delay
D Drive MOSFETs In 5- to 48-V Systems
D Adaptive Shoot-Through Protection
D Multi-Phase DC/DC Conversion
D High Current Low Voltage DC/DC Converters
D High Frequency DC/DC Converters
D Mobile and Desktop Computer DC/DC Converters
D Core Voltage Supplies for PC Micro-Processors
DESCRIPTION
The SiP41109 and SiP41110 are high-speed half-bridge
MOSFET drivers for use in high frequency, high current,
multiphase dc-to-dc synchronous rectifier buck power
supplies. They are designed to operate at switching
frequencies up to 1 MHz. The high-side driver is bootstrapped
to allow driving n-channel MOSFETs.
They feature adaptive shoot-through protection to prevent
simultaneous conduction of the external MOSFETs. There are
two options available for the voltage of the high-side and
low-side drivers. In the SiP41109, the regulator supplies gate
drive voltage to the high-side driver and VCC supplies the
low-side driver. in the SiP41110, the regulator supplies the
high- and low-side gate drive voltage.
The SiP41109 and SiP41110 are assembled in a
lead (Pb)-free 8-pin SOIC package for operation over the
industrial operating range (−40 _C to 85 _C).
TYPICAL APPLICATION CIRCUIT
Controller
PWM
(Tri-State)
GND
VCC
VOUT
GND
GND
+12 V
+5 to 48 V
BOOT
UGATE
PHASE
LGATE
SiP41109/41110
PVcc


Similar Part No. - SIP41110DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41110 VISHAY-SIP41110 Datasheet
119Kb / 8P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
03-Aug-09
More results

Similar Description - SIP41110DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
N-Channel Half-Bridge Driver
05-Apr-99
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Vishay Siliconix
SIP41103 VISHAY-SIP41103 Datasheet
136Kb / 8P
Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
04-Sep-06
SIP41104 VISHAY-SIP41104 Datasheet
113Kb / 8P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
03-Aug-09
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
04-Sep-06
SIP41109 VISHAY-SIP41109_V01 Datasheet
119Kb / 8P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
03-Aug-09
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
N-Channel Half-Bridge Driver
19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com