Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS40 Datasheet(PDF) 2 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS40
Description  AC Servo Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS40 Datasheet(HTML) 2 Page - MotionKing Motor Industry Co.,Ltd.

  AS40 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS40 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
Signal
Lead
Wire
5
V
0V
B+
Z-
U+
Z+
U-
A+
V+
W+
V-
A-
B-
W-
PE
Encoder pulse
Plug
Serial
number
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
*Note: We can manufacture products according to customer's requirements.
Dimensions: unit=mm
Installation precaution:
1. Installation/disassembly components coupled to the motor shaft end, do not hit shaft hard to prevent the other
side of motor shaft encoder was knocked out bad.
2. Striving to make the best of its shaft to prevent vibration and bearing damage.
Installation Dimension:unit =mm
Length
AS40-30-002E25
AS40-30-003E25
L
75
90



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com