Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS40 Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # AS40
Description  AC Servo Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

AS40 Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  AS40 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. AS40 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC Servo Motors Catalog
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1401, Rev.05
AS40 AC Servo Motors
Electrical Specifications:
AS40-30-002E25
AS40-30-003E25
Rated Power (W)
50
50
100
100
Rated Voltage (V)
48
220
48
220
Rated Current (A)
1.1
0.4
2.5
0.9
Rated Speed (RPM)
3000
3000
3000
3000
Holding Torque (N.m)
0.16
0.16
0.32
0.32
Peak Torque (N.m)
0.48
0.32
0.95
0.64
Voltage Constant (V/1000r/min)
9.2
36.8
8.2
32.8
Torque Coefficient (N.m/A)
0.145
0.4
0.128
0.36
Rotor Inertia (Kg.m2)
0.025x10-4
0.025x10-4
0.051 x10-4
0.051 x10-4
Line-Line Resistance(Ω)
6.75
108
2.2
34
Line-Line Inductance (mH)
7.5
108
3
40
Mechanical time-constant(Ms)
1.11
1.0
1.36
1.18
Weight (Kg)
0.32
0.32
0.47
0.47
Encoder line number (PPR)
2500
General Feature
Insulation
Class
Class B
Safety class
IP65
The operating
of
Environmental
conditions
Temperature: -20℃ ~ +40℃
Humidity: Below90%RH (No Dewing)
Winding
Lead Wire
U
V
W
PE
Motor winding
pulse
Plug Serial
number
1
2
3
4


Similar Part No. - AS40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS40 ALLIED-AS40 Datasheet
936Kb / 1P
Axial Shielded Inductors
AS40-100K-RC ALLIED-AS40-100K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS40-100K-RC ALLIED-AS40-100K-RC Datasheet
932Kb / 1P
Axial Shielded Inductors
AS40-100K-RC ALLIED-AS40-100K-RC Datasheet
936Kb / 1P
Axial Shielded Inductors
AS40-101K-RC ALLIED-AS40-101K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS40

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
Minas A Series Digital AC Servo Motors & Drivers
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com