Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  AS2533 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Rev. 7
July 1998
Data Sheet
AS2533...6
Pin Description cont´d
Pin #
Symbol
Function
12
MODE
Signalling Mode Select Input
Mode pin
Function
Open
Dialling inhibited
Row 1
LD mode, 10 pps, 33/66 ms
Row 2
LD mode, 10 pps, 40/60 ms
Row 3
LD mode, 20 pps, 33/66 ms
Row 4
LD mode, 20 pps, 40/60 ms
Row 5
LD mode, 10 pps, 33/66 ms, Temp. MF with tone on first * key entry
Row 6
MF only, 82/82 ms
Row 7
MF only, 82/160 ms
During temporary MF: 82/160 ms
20
R1
Keyboard Rows
19
R2
(see key arrangement in figure 2)
18
R3
17
R4
16
C1
Keyboard Columns
15
C2
(see key arrangement in figure 2)
14
C3
13
C4
7CI
Complex Impedance Pin
For complex impedance a capacitor should be connected to this pin.
2
MFL
MF Level Setting
A voltage divider connected from this pin to A
GND and VSS can be used to set the DTMF
level.
Selection Overview
Function
AS2533
AS2534B
AS2534E
AS2535
AS2536
Direct memories (one-key)
4
0
0
12
4
Indirect memories (two-key)
10
0
0
0
10
Repeat dialling
yes
yes
yes
no
yes
LNR key
yes
yes
yes
yes
yes
Pause insertion by LNR key
yes
yes
yes
yes
yes
Pause (PS) key
yes
yes
yes
no
yes
P/M or MT key
P/M
P/M
MT
P/M
P/M
Tone/Pulse (T/P) key
yes
yes
yes
no
yes
Temperary MF by * key
yes
yes
yes
yes
yes
Centrex (A - D) keys
yes
yes
yes
no
yes
Volume (VOL, –/+) keys
yes
yes
yes
yes
yes
Volume reset by off-hook
yes
no
no
yes
no
Programming of tone ringer
yes
yes
no
yes
yes
R3 Flash duration
600 ms
600 ms
375 ms
600 ms
600 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com