Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533 Datasheet(PDF) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533 Datasheet(HTML) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button AS2533 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
+
ZLINE
30
Ω
300
Ω
ZBAL
(10 x ZLINE)
RI
LI
CS
CI
STB
RO
COMFORT
TONES
DTMF
M1
M2
ZSYN
(970
Ω)
ZREF
32.3 x ZREF
–
+
–
+
–
+
20 k
20 k
8 k
80 k
0 dB
–
+
LLC & SC
LLC &
VOLUME
26dB
10dB
23dB
12dB
PRIVACY
MUTE
SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com