Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9034PCX Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS9034PCX
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS9034PCX Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS9034PCX Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1643/DS1643P
Nonvolatile Timekeeping RAM
www.artschip.com
3
DS1643 TRUTH TABLE Table 1
Vcc
CE2
MODE
DQ
POWER
VIH
X
X
X
DESELECT
HIGH Z
STANDBY
X
VIL
X
X
DESELECT
HIGH Z
STANDBY
VIL
VIH
X
VIL
WRITE
DATA IN
ACTIVE
VIL
VIH
VIL
VIH
READ
DATA OUT
ACTIVE
5 VOLTS
±10%
VIL
VIH
VIH
VIH
READ
HIGH Z
ACTIVE
<4.5 Volts
>VBAT
X
X
X
X
DESELECT
HIGH Z
CMOS STANDBY
<VBAT
X
X
X
X
DESELECT
HIGH Z
DATA RETENTION
MODE
SETTING THE CLOCK
The 8-bit of the control register is the write bit. Setting the write bit to a 1, like the read bit, halts updates to the DS1643 registers.
The user can then load them with the correct day, date and time data in 24 hour BCD format. Resetting the write bit to a 0 then
transfers those values to the actual clock counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off to minimize current drain
from the battery. The
bit is the MSB for the seconds registers. Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and the oscillator is running, the LSB of
the seconds register will toggle at 512 Hz. When the seconds register is being read, the DQ0 line will toggle at the 512 Hz
frequency as long as conditions for access remain valid (i.e.,
low,
low, CE2 high, and address for seconds register
remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1643 is guaranteed to keep time accuracy to within ±1 minute per month at 25
℃.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1643P and DS9034PCX are each individually tested for accuracy Once mounted together, the module is guaranteed to
keep time accuracy to within ±1.53 minutes per month (35 ppm) at 25
℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com