Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9034PCX Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS9034PCX
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS9034PCX Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS9034PCX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS1643/DS1643P
Nonvolatile Timekeeping RAM
www.artschip.com
6
READ CYCLE, AC CHARACTERISTICS
(0
℃ to 70℃; Vcc =5.0V ±10%)
70 ns access
100 ns access
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
70
100
ns
4
Address Access Time
tAA
70
100
ns
4
and CE2 to DQ Low-Z
tCEL
5
5
ns
4
Access Time
tCEA
70
100
ns
4
CE2 Access Time
tCE2A
80
105
ns
4
and CE2 Data Off Time
tCEZ
25
35
ns
4
to DQ Low-Z
tOEL
5
5
ns
4
Access Time
tOEA
35
55
ns
4
Data off Time
tOEZ
25
35
ns
4
Output Hold from Address
tOH
5
5
ns
4
READ CYCLE TIMING DIAGRAM
WRITE CYCLE, AC CHARACTERISTICS
(0
℃ to 70℃; Vcc =5.0V ±10%)
70 ns access
100 ns access
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Write Cycle Time
tWC
70
100
ns
4
Address Setup Time
tAS
0
0
ns
4
Pulse Width
tWEW
50
70
ns
4
Pulse Width
tCEW
60
75
ns
4
CE2
Pulse Width
tCE2W
65
85
ns
4
Data Setup Time
tDS
30
40
ns
4
Data Hold Time
tDH
0
0
ns
4
Address Hold Time
tAH
5
5
ns
4
Data Off Time
tWEZ
25
35
ns
4
Write Recovery Time
tWR
5
5
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com