Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SET40 Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SET40
Description  Large Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SET40 Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SET40 Datasheet HTML 1Page - Sanyou Corporation Limited SET40 Datasheet HTML 2Page - Sanyou Corporation Limited SET40 Datasheet HTML 3Page - Sanyou Corporation Limited SET40 Datasheet HTML 4Page - Sanyou Corporation Limited SET40 Datasheet HTML 5Page - Sanyou Corporation Limited SET40 Datasheet HTML 6Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
100mΩ Max.
30msec. Max. (DC Type)
1,000MΩ Min.(DC500V)
AC4,000V,50/60Hz 1min.
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+85℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 10,800 ops./h)
(at 360 ops./h)
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
10G Min.
100G Min.
10,000,000
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Contact Capacity
Characteristic Data
30msec. Max. (DC Type)
SET40
40A
277VAC
10,000VA
Approx. 130.0 g
SET40-Series
UL,C-UL File No.:applying
VDE File No.:applying
TUV File No.:
40A switching capability
Features
Safety Approval
●
●
●
●
●
SANYOU RELAYS
Relays for advanced technology
Large Power Relay
AC2,000V,50/60Hz 1min.
40A 250VAC
30,000
version:V1.1
applying
Environment friendly product(Compliant with RoHS)
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
Coil Data (at 20℃)
3
6
12
24
48
100
638.30
319.15
160.00
80.00
40.00
19.23
4.7
18.8
75
300
1200
5200
110% of
80 % of
10 % of
Approx.
1.90W
4KV dielectric between coil and contact
Have 2 groups of Normal open contacts
Strong load capacity
3mm contacts gap for safty design
UL insulation: Class F insulation is available
AC2,000V,50/60Hz 1min.
Between contact sets:
110
200
●
●
17.26
9.52
6300
21000
Nominal
voltage
Nominal
voltage
Nominal
voltage


Similar Part No. - SET40

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
logo
Conquer Electronics Co....
SET CONQUER-SET Datasheet
166Kb / 1P
6.1 x 2.6 x 2.6 mm (2410)
logo
Micro Electronics
SET-0901 MICRO-ELECTRONICS-SET-0901 Datasheet
568Kb / 3P
SMD MODEM TRANSFORMER
SET-0902 MICRO-ELECTRONICS-SET-0902 Datasheet
568Kb / 3P
SMD MODEM TRANSFORMER
logo
StarHope
SET-SPE06R SPSEMI-SET-SPE06R Datasheet
120Kb / 4P
Surge & ESD Protection Device SPE06R Series
More results

Similar Description - SET40

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP792GB160034 SEMIKRON-SKIIP792GB160034 Datasheet
271Kb / 3P
Large IGBT Power Packs
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com