Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SET40 Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SET40
Description  Large Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SET40 Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SET40 Datasheet HTML 1Page - Sanyou Corporation Limited SET40 Datasheet HTML 2Page - Sanyou Corporation Limited SET40 Datasheet HTML 3Page - Sanyou Corporation Limited SET40 Datasheet HTML 4Page - Sanyou Corporation Limited SET40 Datasheet HTML 5Page - Sanyou Corporation Limited SET40 Datasheet HTML 6Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Insulation System:Nil-Standard, B-Class B, F-Class F
Contact material:Nil-AgSnO2
Terminal Form: B- screw terminal, T- quick connection terminal,
Coil Power:D-DC coil,A-AC coil
Number of Poles:2-2 Pole
Type Designation:SET40
Special Parameter:Nil-Standard type,
Letters or Numbers-Special reqirements
SET40
SET40 - 2 12 D
B
F
- F
-S -XX
Safety Approval Ratings
(Note:More detail of approval ratings,please refer to the safety certification)
Ordering Information
Nomenclature
Outline Dimensions, Wiring Diagram, P.C.
(unit:mm)
Board Layout
40A 250VAC
40A 250VAC
40A 250VAC
CQC
TUV
UL/CUL
VDE
Approval
File No.
Approved ratings
Wiring Diagram
18.8
75
300
1200
5200
20800
6
12
24
48
18.7/22.1
9.7/10.8
1.7~2.5VA
100/120
220/240
275.00
138.00
74.00
39.00
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VAC)
applying
applying
applying
applying
40A 250VAC
Coil Voltage(VDC):03,06,12,24, 48, 100, 110, 200
Coil Voltage(VAC):06, 12, 24, 48, 120, 220/240
S-with microswitch + wire, S1-with microswitch + connector
Cover Form: F- flange cover, Nil-non-flange cover
P- PCB terminal
SET40-BF
P.C.B layout(Bottom view)
110% of
80 % of
10 % of
Nominal
voltage
Nominal
voltage
Nominal
voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com