Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7601 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Electrical Specifications
Over recommended temperature (TA = -40
°C to 85°C) unless otherwise specified. (See note 1.)
Parameter
Symbol Min. Typ.* Max.
Units
Test Conditions
Fig.
Note
Input Threshold
ITH
1
2
mA
VCC = 5.5 V, IO
≥ 13 mA,
5
Current
VO = 0.6 V
High Level Output
IOH
3
100
µAVCC = 5.5 V, VO = 5.5 V
1
Current
VFL = 0.8 V
Low Level Output
VOL
0.35
0.6
V
VCC = 5.5 V, IF = 2 mA,
2, 4,
Voltage
IOL (Sinking) = 13 mA
6
High Level Supply
ICCH
4.75
7
mA
VCC = 5.5 V, IF = 0 mA
Current
Low Level Supply
ICCL
6
10
mA
VCC = 5.5 V, IF = 4 mA
Current
Input Forward
VF
1.2
1.5
1.85
V
IF = 4 mA
3
Voltage
Input Reverse
BVR
3
V
IR = 100
µA
Breakdown Voltage
Input Capacitance
CIN
72
pF
VF = 0, f = 1 MHz
Input Diode
∆VF/∆TA
-1.6
mV/
°C IF = 4 mA
3
Temperature
Coefficient
Input-Output
VISO
3750
VRMS
RH
≤ 50%, t = 1 min.
3, 9
Insulation
TA = 25
°C
Resistance
RI-O
1012
1013
Ω
TA = 25
°C
VI-O = 500 V
3
(Input-Output)
1011
TA = 100
°C
Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 Vdc
3
(Input-Output)
*All typicals at TA = 25°C, VCC = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com