Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7601 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-7601 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Regulatory Information
The HCPL-7601 and HCPL-7611
have been approved by the
following organizations:
UL–Approved under UL 1577,
component recognition FILE
E55361).
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01
This optocoupler is suitable for
“safe electrical isolation” only
within the safety limit data.
Maintenance of the safety data
shall be ensured by means of
protective circuits.
Can be used for safe electrical
separation between ac mains
and SELV (safety extra-low
voltage) in equipment according
to the following specifications:
DIN VDE 0804/05.89
DIN VDE 0160/05.88
Reference voltage (VDE 011b
Tab 4): 630 Vac.
CSA–Approved under CSA22.2
No. 0 - General Requirements,
Canadian Electrical Code, Part
II; and CSA Component
Acceptance Notice #5, File CA
88324.
The HCPL-7601/11 family offers
many features that are
especially beneficial to system
designers. The low input
current requirements and
guaranteed switching threshold
(2 mA max.) allows the LED to
be driven directly by any
standard high-speed CMOS
gate (e.g. 74HC/HCT). This will
simplify designs by eliminating
the need for special driver
circuits and result in lower part
counts and greater system
reliability while freeing up
valuable printed circuit board
space.
The wide current input range of
2 mA to 10 mA and guaranteed
ac and dc performance over a
wide temperature range will
also simplify designs. Low
supply current requirements
mean lower power dissipation
allowing for the use of a
smaller, less expensive power
supply. The high speed (10 Mbd
typ.) and low propagation delay
skew (Tpsk
≤ 40 ns guaranteed)
allow for easier design of high
speed parallel applications. The
world-wide regulatory approval
(UL/CSA/IEC/EN/DIN EN
60747-5-2) will facilitate the
acceptance of the end product in
international markets.
Description
The HCPL-7601/11 is a low
input current version of the
HCPL-2601/11 and 6N137
(without enable). The optically
coupled gates combine an
AlGaAs high-efficiency light
emitting diode and an integrated
high gain photon detector to
create a low input current device
for low power applications. The
output of the detector IC is an
open collector Schottky-clamped
transistor. The internal shield
provides a guaranteed common
mode transient immunity
specification of 10,000 V/
µs
(HCPL-7611).
This unique design provides
maximum ac and dc circuit
isolation while achieving CMOS
and TTL compatibility. The
optocoupler ac and dc
operational parameters are
guaranteed from -40
°C to 85°C
with no derating required
allowing trouble free system
performance. This product is
suitable for high speed logic
interfacing, input/output
buffering, and applications that
require low input-current
switching levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com