Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SPA
Description  Miniature Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SPA Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SPA Datasheet HTML 1Page - Sanyou Corporation Limited SPA Datasheet HTML 2Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nominal
operating
current
10% (mA)
Coil
resistance
10% (Ω)
Max
.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
61/2
SPA-
Series
UL,C-UL File No.:E179745
CQC File No.:CQC02001002127
TUV File No.R50139459
3
5
6
9
12
18
24
48
66.67
40.00
33.33
22.22
16.67
11.11
8.57
7.09
45
125
180
405
720
1,620
2,880
6,770
SPA
10A 250VAC
16A
277VAC
4,432VA
50m
Max.
Ω
(1A 6VDC)
8msec. Max.
(no diode)
1,000M
Min.(DC500V)
Ω
AC1,000V,50/60Hz 1 in.
m
AC2,500V,50/60Hz 1 in.
m
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+105℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 10,800 ops./h)
(at 360 ops./h)
Approx. 8.6 g
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
10G Min.
100G Min.
10,000,000
100,000
(at room temperature)
(at room temperature)
15msec. Max.
(no diode)
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Contact Capacity
Chara teristic Data
c
Coil Data (20℃)
at
150%of
nominal
voltage
75%of
nominal
voltage
5%of
nominal
voltage
Approx
.
0.20W
Approx.0.34W
Features
Safety Approval
●
●
Small size with16A switching capability.
Low coil power consumption:200mW available.
SANYOU RELAYS
Relays for advanced technology
Miniature
Power Relay
version:V2.1


Similar Part No. - SPA

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SPA CRYDOM-SPA Datasheet
437Kb / 4P
PCB Mount
logo
C&K Components
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
Single In-line Package Switches
logo
StarHope
SPA SPSEMI-SPA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
Cornell Dubilier Electr...
SPA CDE-SPA Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
logo
C&K Components
SPA CK-COMPONENTS-SPA Datasheet
196Kb / 2P
Single In-line Package Switches
26 Aug 20
More results

Similar Description - SPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com