Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDI-DM Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SRDI-DM
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRDI-DM Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SRDI-DM Datasheet HTML 1Page - Sanyou Corporation Limited SRDI-DM Datasheet HTML 2Page - Sanyou Corporation Limited SRDI-DM Datasheet HTML 3Page - Sanyou Corporation Limited SRDI-DM Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(at 360ops./)
Electrical
(at 10,800ops./)
Mechanical
1/4
SRDI-Series
UL C UL File No
E
, -
.: 190598
VDE File No.: 40034479
CQC File No
CQC
.:
02001002126
Contact Capacity
Characteristic Data
Features
Safety Approval
●
●
●
●
●Compliance with IEC60335-1 GWIF
GWIT
and CTI
V.
850℃/
775℃
>=250
●
≥6000
.
Impulse withstand voltage
V product is available
High contact capability
A switching capability
:12
.
Low coil power consumption low price
,.
,.
Microminiature relay standard PCB terminal
Compliance EU RoHS and the requirement of white home appliances.
SANYOU RELAYS
Relays for advanced technology
Miniature
Power Relay
version:V3.3
10,000,000 (at room temperature)
100,000 (at room temperature)
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude od
mm
10G Min.
100G Min.
silver alloy
100 Ω
. (1 6
)
m
Max
A VDC
8msec. Max. (no diode)
5msec. Max. (no diode)
100 Ω
. (
500 )
M
Min DC
V
Between open contacts
AC
V
Hz min
:
750 ,50/60
1
.
Between coil and contact: standard product AC 2,500V,50/60Hz 1min
Cz
product with suffix"-6" : A 3000V,50/60H 1min
Function
Destructive
Destructive
Function
-40℃~+85℃(
)
no condensation
Approx.8.5g
Impulse withstand voltage
Between coil and contact
standard product
:≥ 4800V 1.2/50us
≥
product with suffix"-6"
6000V 1.2/50us
Contact material
Please contact us if your working condition is 10
5℃
Model
Nominal switching
capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
SRDI -DM
10A 250VAC
15A
277VAC
2,770VA
SRDI -D
NO10A 250VAC
12A
277VAC
2,770VA
SRDI-DB
7A 250VAC
12A
277VAC
1,939VA
NO/NC7A 250VAC
●
60079-15
Satisfy IEC
product is available
.


Similar Part No. - SRDI-DM

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SRDI-DM-L SANYOU-SRDI-DM-L Datasheet
69Kb / 3P
Miniature Power Relay
More results

Similar Description - SRDI-DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com