Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK1900 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK1900
Description  HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1900 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK1900 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STATIC
Quiescent Current
HIgh Voltage Supply
Thermal Resistance to Case
INPUT
Input Bias Current
Common Base Current
Blank Input Current
Offset Adjust Input Current
Gain Adjust Input Current
Blank Input Pulse Width
Common Mode Rejection Ratio
Input Impedance
Input Capacitance
Blank Mode Input Rejection ∆V
Gain Adjust Rejection ∆V
Power Supply Rejection Ratio
OUTPUT
Reference Output Voltage
Output Current Blank Mode
Output Current (Min Offset)
Output Current (Max Offset)
Voltage Gain (Rp=200Ω)
Bandwidth
Transition Times
Linearity Error
Gain Linearity
Thermal Distortion
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range
Lead Temperature Range
(Solder 10 Seconds)
Junction Temperature
Case Operating Temperature
MSK 1900
Thermal Resistance
(Junction to Case)
-25°C to +150°C
+300°C
+150°C
0°C to +70°C
7.5°C/W
+VHV
+VCC
-VEE
VID
VGAIN
VOFF
VBLANK
VCB
ELECTRICAL SPECIFICATIONS
Parameter
2
Tc=25°C unless otherwise specified
1
Test Conditions
Typ.
55
-75
60
8
±1
30
500
300
2
2
-
40
20K
2
-
-
30
5.5
0
10
100
100
225
2.8
-
-
-
MSK 1900
Min.
-
-
20
-
-
-
-
-
-
-
30
-
10K
-
-
-
25
5.2
-3
0.5
80
80
-
-
-
-
-
Units
2
2
2
2
2
2
2
High Voltage Supply(WRT VCB)
Positive Supply Voltage
Negative Supply Voltage
Differential Input Voltage
Gain Adjust Input Voltage
Offset Adjust Input Voltage
Blank Input Voltage
Common Base Supply
+65V
+12V
-12V
2V
-0.6V to +6V
-0.6V to +6V
-0.6V to +6V
20V
TST
TLD
TJ
TC
OJC
2
2
2
2 3
2 3
2
1
2
3
4
+VCC = +10V, -VEE = -10.5V, +VHV = +70V, VCB = +10V, VBLANK = 0.4V, CL = 6pF, Rp = 200Ω, VGAIN = VOFF = ±VIN = 0V unless otherwise
specified.
Parameters shall be guaranteed by design if not tested. Typical parameters are representative of actual device performance but are for reference only.
Faster rise times are obtained without using test sockets. In addition, a peaking network must be used to achieve best performance.
Output voltage ∆V is the difference between +VHV and VOUT.
NOTES:
VCM=0V@+10V
VCM=0V@-10.5V
WRT VCBB
VCM=0V
VCB=10V
VBLANK=0.4V
VBLANK=2.4V
VOFF=1V
VGAIN=5V
Normal Operation
VCM=±0.5V F=10Hz
Either Input F=DC
Either Input
VBLANK=2.4V VIN=0.3V
∆VGAIN=5V
+VCC and -Vee=Nom ±5%
IOUT<2mA
VBLANK=2.4V VOFF=1V VGAIN=0V
VOFF=0V VGAIN=5V
VOFF=5V VGAIN=0V
VIN=0.6V F=10KHz VGAIN=5V Either Input
VOFF=0V
VGAIN=3V TR=TF<0.5nS VOFF=1V
VGAIN=1V VOFF=1V VCM=0.5V
VOFF=1V VIN=0.2V VCM=0.5V
Max.
70
-100
65
10
±50
40
600
400
10
10
-
-
-
-
±0.4
±2.0
-
5.8
+3
25
120
120
-
-
±2
±2
±2
mA
mA
V
°C/W
µA
mA
µA
µA
µA
µA
nS
dB
Ω
pF
V
V
dB
V
mA
mA
mA
V/V
MHz
nS
%GS
%
%GS
2
2
2
2
2
Rev. B 9/99
4
4
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com