Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK1900 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK1900
Description  HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1900 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK1900 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1900 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(TC = 25°C, VHV = 70V, RP = 200Ω
Ω
Ω
Ω
Ω)
APPLICATION NOTES CON'T
0
100
80
80
0
35
35
50
1.6
7.8
6.5
5.6
0
6.1
4.9
10
1.6
13.9
11.4
15.6
The video input can be electrically disconnected from the
amplifier by applying a TTL high input to the blank pin. When
this occurs, the output will be set to approximately +VHV. The
VGAIN and VOFF control pins have little or no effect on the output
when it is in blank mode.
When the TTL compatible blank input is not used, the pin
must be connected to ground to enable the amplifier. The blank
input will float high when left unconnected which will disable
the video.
BLANK INPUT
The MSK 1900 has an on board buffered DC zener reference
output. The VREF output is nominally 5.5V DC and has full
temperature test limits of 5.2V to 5.8V DC. This output is
provided for gain and offset adjustment and can source up to
4mA of current.
VREF OUTPUT
TOTAL
PD Watts
VO - VBLACK
IC PD
Watts
PLOAD
Watts
The MSK 1900 package is electrically isolated from the inter-
nal circuitry, allowing direct connection to a heat sink.
The power dissipation of the amplifier depends mainly on
the load requirements, bandwidth, pixel size, black level and the
value of the external Rp. Refer to the following table for typical
power levels for selected video conditions:
THERMAL MANAGEMENT
4
Rev. B 9/99
The voltage developed across the external load resistor with a
0V video input to the MSK 1900 is the black level. This voltage
may be changed by adjusting the load resistor or by varying the
output quiescent current of the MSK 1900 as described in VOFF
above. The black level could also be effected by the VGAIN con-
trol voltage if the video input has a DC component. AC coupling
of the video input will prevent this phenomenon from occurring.
BLACK LEVEL
VOFF is the output offset (brightness) control used to set the
output quiescent current and consequently the DC output volt-
age (black level). Output quiescent current adjustment range is
from several µA to 100mA nominal (80 to 130 mA actual).
Normally a 5K potentiometer is connected between VREF and
GND to this input, but any 0 - 5.5V external DC source may be
used. A 0.1µF capacitor should be connected from this pin to
signal ground to improve the amplifier's stability.
VOFF
POWER DISSIPATION TABLE
Duty
Cycle %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com