Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK3554B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK3554B
Description  HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK3554B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK3554B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Input Noise Density
Input Noise Voltage
OUTPUT
Output Voltage Swing
Output Current
Settling Time
Power Bandwidth
Bandwidth (Small Signal)
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
ABSOLUTE MAXIMUM RATINGS
TST
TLD
PD
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
Supply Voltage
Peak Output Current
Differential Input Voltage
Case Operating Temperature
MSK 3554B
MSK 3554
-65°C to +150°C
300°C
See Curve
175°C
Unless otherwise specified ±VCC=±15VDC
AV=-1, measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Measurement taken .5 second after application of power using automatic test equipment.
NOTES:
±18V
±150mA
±25V
-55°C to +125°C
-40°C to +85°C
±VCC
IOUT
VIN
TC
1
2
3
4
5
6
7
8
9
Min.
±12
-
-
-
-
-
-
-
-
-
-
80
-
-
±10.5
±100
-
16
70
800
90
Max.
±18
±20
±30
-
±2.0
±50
±50
±50
±25
±30
-
-
-
-
-
-
150
-
-
-
-
Min.
±12
-
-
-
-
-
-
-
-
-
-
80
-
-
±10
±100
-
15
70
750
88
Max.
±18
±20
-
-
±3.0
-
±100
-
±30
-
-
-
-
-
-
-
150
-
-
-
-
Units
V
mA
mA
°C/W
mV
µV/°C
mV
pA
nA
pA
nA
Ω
dB
nV√Hz
µVrms
V
mA
nS
MHz
MHz
V/µS
dB
MSK 3554B
11
11
MSK 3554
Adjust to Zero
Adjust to Zero
ELECTRICAL SPECIFICATIONS
10
3
3
3
3
3
2
Typ.
±15
±14
-
37
±0.5
±20
±10
±10
±2.0
±2.0
10
110
15
10.0
±12
±120
120
19
90
1200
96
Typ.
±15
±14
-
37
±0.5
±20
±20
-
±2.0
-
10
110
15
10.0
±12
±120
120
19
90
1200
96
Test Conditions
Group A
Subgroup
-
1
2,3
-
1
2,3
1,2,3
1
2,3
1
2,3
-
-
-
-
4
4
4
4
4
4
4
VIN=0V
AV=-1V/V
Junction to Case Output Devices
Bal.Pins=N/C VIN=0V AV=-10V/V
VIN=0V
RPOT=20KΩ To +VCC AV=-1V/V
VCM=0V Either Input
VCM=0V
F=DC Differential
∆ VCC=10V
F=1KHz
F=10Hz To 1MHz
RL=100Ω
TJ<150°C
0.1% 10V step
RL=100Ω VO=±10V CC=0
CC=0
VOUT=±10V RL=100Ω CC=0
CC=0 RL=100Ω F=1KHz VOUT=±10V
Parameter
3
3
3
3
3
3
10
2
Rev. B 7/00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com