Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK3554B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK3554B
Description  HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK3554B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK3554B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK3554B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
3554
FEATURES:
Stable at Low Gain
Fast Slew Rate - 1200V/µs Typical
Gain Bandwidth Product - 1200 MHz Typical
Low Quiescent Current - ±14.0 mA Typical
Low Offset - 2 mV Maximum
Drop In Replacement for OPA 3554 and TP 3554
High Output Current - ±100mA Minimum
DESCRIPTION:
The MSK 3554 is a pin compatible, low gain stable, drop-in replacement for the OPA 3554 and TP 3554. The
MSK 3554 does not exhibit high frequency output oscillations like other versions of the 3554 when operated at
closed loop gains of less than 55 V/V. The extremely low input bias current and input offset voltage ratings coupled
with a high slew rate and wide bandwidth make the MSK 3554 an excellent choice for fast D/A converters, buffers,
pulse amplifiers and other high speed op-amp applications. The MSK 3554 is packaged in an 8-pin TO-3 using thick
film hybrid technology to obtain high reliability and compact size.
Fast D/A Converters
Pulse Amplifiers
Video Instrumentation
Fast Buffer/Follower
Video Frequency Filters
Balance
Negative Power Supply
Non-Inverting Input
Inverting Input
1
2
3
4
Output
Positive Power Supply
Compensation
Balance
8
7
6
5
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
HIGH SPEED, WIDEBAND
OPERATIONAL AMPLIFIER
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
Rev. B 7/00
1


Similar Part No. - MSK3554B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK3554B ANAREN-MSK3554B Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
More results

Similar Description - MSK3554B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
logo
Fairchild Semiconductor
KH300 FAIRCHILD-KH300 Datasheet
94Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
Wideband Operational Amplifier
logo
Intersil Corporation
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
Wideband, High Impedance Operational Amplifier
October 2004
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH300 CADEKA-KH300 Datasheet
256Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
Texas Instruments
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
Wideband Operational Amplifier
logo
Anaren Microwave
MSK3554 ANAREN-MSK3554 Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com