Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS5A40 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS5A40
Description  5A 40V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5A40 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS5A40 Datasheet HTML 1Page - PFC Device Inc. PFS5A40 Datasheet HTML 2Page - PFC Device Inc. PFS5A40 Datasheet HTML 3Page - PFC Device Inc. PFS5A40 Datasheet HTML 4Page - PFC Device Inc. PFS5A40 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5A 40V MOS Schottky Rectifier
Apr-2018
Version 4.1
1 / 5
PFC Device Corporation
PFS5A40
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5
A
VRRM
40
V
VF@ 5A , Tj=125
oC
0.42
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS5A40
DO-201AD


Similar Part No. - PFS5A40

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS5A60 PFC-PFS5A60 Datasheet
564Kb / 5P
5A 60V MOS Schottky Rectifier
More results

Similar Description - PFS5A40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
40V, 5A Rectifier
SBA50-04Y SANYO-SBA50-04Y Datasheet
81Kb / 3P
40V, 5A Rectifier
logo
KODENSHI_AUK CORP.
SDB540PH KODENSHI-SDB540PH Datasheet
301Kb / 5P
40V, 5A POWER SCHOTTKY RECTIFIER
SDB540PH-1 KODENSHI-SDB540PH-1 Datasheet
301Kb / 5P
40V, 5A POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK54 UTC-SK54 Datasheet
115Kb / 3P
5A, 40V SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L40B PFC-P5L40B Datasheet
643Kb / 5P
5A 40V MOS Schottky Rectifier
P5L40F-A PFC-P5L40F-A Datasheet
659Kb / 5P
5A 40V MOS Schottky Rectifier
P5L45B PFC-P5L45B Datasheet
640Kb / 5P
5A 45V MOS Schottky Rectifier
P5L60F-A PFC-P5L60F-A Datasheet
660Kb / 5P
5A 60V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com