Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2620CSC Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM2620CSC
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2620CSC Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM2620CSC Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.sinopowersemi.com
4
SM2620CSC
®
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.3 - August, 2014
P Channel Electrical Characteristics (T
A = 25°C unless otherwise noted)
P Channel
Symbol
P arameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
D rain-Source B reakdown Voltage
VGS=0V, IDS =-250
µA
-30
-
-
V
VDS=-24V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage D rain C urrent
TJ=85°C
-
-
-30
µA
VGS(th)
Gate Threshold Voltage
VDS=V GS, IDS =-250
µA
-1.3
-1.8
-2.5
V
IGSS
Gate Leak age Current
VGS=±20V , VDS=0V
-
-
±10
µA
VGS=-10V, IDS=-3A
-
82
100
R
D S(ON)
a
D rain-Source On-State Resistance
VGS=-4.5V, IDS=-1.9A
-
125
170
m
Diode Characteristics
VSD
a
D iode Forward Voltage
ISD=-1A, VGS=0V
-
-0.75
-1.1
V
trr
R ev erse Recovery Time
-
19
-
ns
Qrr
R ev erse Recovery Charge
ISD=-3A, dlSD/dt=100A/
µs
-
14
-
nC
Dynamic Characteristics
b
R
g
Gate Resis tance
VGS =0V ,VDS=0V,F=1MHz
-
7
-
C iss
Input Capacitanc e
-
229
-
C
oss
Output Capacitanc e
-
42
-
C
rss
Reverse Transfer Capacitance
VGS =0V,
VDS=-15V,
Frequenc y= 1.0MHz
-
33
-
pF
td(ON)
Turn-on Delay Time
-
7.2
-
T
r
Turn-on Rise Time
-
9.3
-
t
d(O FF)
Turn-off Delay Time
-
15.4
-
Tf
Turn-off Fall Time
VDD=-15V, RL=15
Ω,
IDS=-1A, VGEN=-10V,
RG=6
-
3.6
-
ns
Gate Charge Characteristics
b
V
GS=-4.5 V,
-
3.3
-
Qg
Total Gate C harge
VDS=-15V,
IDS=-3A
VGS=-10V
-
6.5
-
Qgs
Gate-Source Charge
-
1.1
-
Q
gd
Gate-Drain Charge
-
1.1
-
Qgth
Threshold Gate Charge
VDS=-15V, VGS=-10V,
IDS=-3A
-
0.6
-
nC
Note a: Pulse test; p ulse width
≤300
µs, duty cycle≤2%.
Note b: Guarante ed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com