Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2620CSC Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM2620CSC
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2620CSC Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM2620CSC Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2620CSC Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.sinopowersemi.com
2
SM2620CSC
®
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.3 - August, 2014
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
N Channel P Channel
Unit
Common Ratings
VDSS
Drain-Source Voltage
30
-30
V
VGSS
Gate-Source Voltage
±20
±20
V
TA=25°C
4.9
-3
ID
Continuous Drain Current
TA=70°C
3.9
-2.4
IDM
300
µs Pulsed Drain Current
VGS=10V
19
-12
IS
Diode Continuous Forward Current
1
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
1.4
PD
Maximum Power Dissipation
T
A=70°C
0.9
W
t
≤ 10s
90
RθJA* Thermal Resistance-Junction to Ambient
Steady State
125
°C/W
Note: * Surface Mounted on 1in
2 pad area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com