Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4385 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4385
Description  114 dB, 192kHz 8-CHANNEL D/A CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4385 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4385 Datasheet HTML 17Page - Cirrus Logic CDB4385 Datasheet HTML 18Page - Cirrus Logic CDB4385 Datasheet HTML 19Page - Cirrus Logic CDB4385 Datasheet HTML 20Page - Cirrus Logic CDB4385 Datasheet HTML 21Page - Cirrus Logic CDB4385 Datasheet HTML 22Page - Cirrus Logic CDB4385 Datasheet HTML 23Page - Cirrus Logic CDB4385 Datasheet HTML 24Page - Cirrus Logic CDB4385 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
CS4385
DS671A1
21
3.3.1
OLM #1
OLM #1 serial audio interface format operates in single, double, or quad-speed mode and
will slave to SCLK at 128 Fs. Six channels of MSB first 20-bit PCM data are input on
SDIN1. The last two channels are input on SDIN4.
LRCK
SCLK
Left Channel
Right Channel
SDINx
654
32
10
98
7
15 14 13 12 11 10
10
654321
0
98
7
15 14 13 12 11 10
17 16
17 16
32 clocks
19 18
19 18
Figure 13. Format 4 - Right Justified 20-bit Data
LRCK
SCLK
Left Channel
Right Channel
SDINx
654
3
210
987
15 14 13 12 11 10
10
654
3210
98
7
15 14 13 12 11 10
17 16
17 16
32 clocks
Figure 14. Format 5 - Right Justified 18-bit Data
LRCK
SCLK
LSB
MSB
20 clks
64 clks
64 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
DAC_A1
20 clks
20 clks
20 clks
20 clks
20 clks
Left Channel
Right Channel
20 clks
20 clks
SDIN4
SDIN1
DAC_A2
DAC_A3
DAC_A4
DAC_B1
DAC_B4
DAC_B2
DAC_B3
Figure 15. Format 8 - One Line Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com